Part Number Hot Search : 
MP1474DJ S812H114 N4468 1SV298H NCE3025Q FST6330M XL4005E1 2SD1978
Product Description
Full Text Search
 

To Download IMB100VGGA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  143 * all specifcations and photos are subject to change without notice. www.axiomtek.com fe atures system lga775 intel ? q965 rs-232/422/485 10 usb 2.0 hd audio 1 pci 1 pcie x16 quic k insta ll ation gui d e, user's manua l /uti l ity cd, ca bl e p art num b er 5 9380 4 020 1 0 e 593826a0000e 5 93836 a 0030 e d escr i pt i on c om port ca bl e w/ b rac k et s at a si g nal cable l=500mm s at a p ower ca bl e l=150mm imb100v gg a q t y 1 1 1 lga775 intel ? core?2 duo micro at x industrial motherboard with intel ? q965 + ich8do chipset, dual lans and audio imb100 i/o  lga775 for intel ? core?2 duo/pe ntium ? d/ pe ntium ? 4/celeron ? processor with 533/800/1066 mhz  intel ? q965 + ich8do chipset  2 ddr2-533/667/800 dimm support up to 2gb  4 serial ata ports support data transfer rate up to 3gb/s with raid 0, 1, 10 and 5 lga775 socket for intel ? core ? ? 2 duo/ p entium ? ? ? 4/ ? p ent i um ? / c e l eron ? d processors with fsb 533/800/1066 mhz ? sy stem memor y sy stem memor y 2 x 240- p in dimm su pp ort ddr2-533/667/800 max u p to 4gb i nte l ? q965+ich8do ? bios bios p h oenix-a war d n / a w at c hd og ti mer w at c hd og ti mer 255 l eve l s , 1~255 sec. 1 x p c ie x1 6 1 x p c ie x1 1 x p c i b attery b attery lit h ium 3v/220 mah 244 x 1 88 mm te m p erature te m p erature 0 c ~ + 60 c ( 32 f ~ 14 0 f), operat i on 1 0% ~ 95% re l ative h umi d ity , non-con d ensing 1xfdd 1 x ps/2 ke y board 1 x p s /2 mouse 1 x lpt ; with spp/epp/ecp su pp orted 3 x rs-232 (com 2/3/4) 1 x rs-232/422/485 ( com 1 ) s at a s at a 4 x s ata-300 wit h raid 0/1/10/5 detect cpu/system temperature, vo l tage an d f an spee d et h ernet et h ernet 2 ports as 10/100/1000m b ps support wa k e-on-lan, rpl/pxe boot rom with re altek r tl8111b hd co d ec au d io as mic-in/ line-out/ spea k er-out wit h re altek alc888 us b us b 10 x usb 2.0 ports n /a di g ita l i/o di g ita l i/o 8 c h anne l s in/out p ro g ramma bl e pa cking list display ordering information imb1 00 v gg a l g a775 soc k et micro at x in d ustria l m/b (p/n: e38f100100) w it h vga, 2 10/100/1000m b ps an d au d io 5 93836 a 0030 e 4- p in p ower cable to sa ta x 2, l=150mm 5 9 38a808010e 2 x usb port ca bl e, l=190mm i n tel ? gma x3000 graphics core ? m emory size m emory size i nte l ? dvmt 4.0 compliant ? 1 x v g a cpu fan conn. fan conn. atx power conn. 8 pin power conn. sata2 usb 2.0 5/6/7/8/9/10 pci pcie x4 pcie x16 audio com+vga+lpt p/s k/b+m/ s ethernet/usb 1/2 lga775 com 2/3/4+ d i/o fan conn. side view


▲Up To Search▲   

 
Price & Availability of IMB100VGGA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X